PART |
Description |
Maker |
GS840E18AB-190 GS840E18AT-190I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
GS840F18AGT-7.5I GS840F36AGT-7.5I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
MBM29F200BA12 MBM29F200TA12 |
2M (256K×8/128K×16) Bit Flash Memory(V 电源电压256K×8/128K×16闪速存储器) 200万(256K × 8/128K × 16)位快闪记忆体(V的电源电56K × 8/128K × 16闪速存储器 2M (256K?8/128K?16) Bit Flash Memory(??V ?垫??靛?256K?8/128K?16???瀛???ī
|
Fujitsu, Ltd. Fujitsu Limited
|
GS880V36BT-250 GS880V18BT-333 GS880V18BT-250 GS880 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 5 ns, PQFP100
|
GSI Technology, Inc. http://
|
GS880F18 GS880F36T-11I GS880F36T-14 GS880F36T-12I |
8Mb12K x 18Bit) Synchronous Burst SRAM(8M位(512K x 18位)同步静态RAM(带2位脉冲地址计数器)) 512K x 18, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 11 ns, PQFP100 512K x 18, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 14 ns, PQFP100 512K x 18, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 12 ns, PQFP100 512K x 18, 256K x 36 8Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 12 ns, PQFP100 512K x 18, 256K x 36 8Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 36 8Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 11 ns, PQFP100
|
GSI Technology, Inc. Molex, Inc.
|
GS880E18 GS880E36T-11 GS880E18T-11 GS880E32T-11.5I |
512K X 18 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 11.5 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 11 ns, PQFP100 512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 11 ns, PQFP100 8Mb12K x 18Bit) Synchronous Burst SRAM(8M位(512K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CAT25C128XA-1.8-GT3 CAT25C128XA-GT3 CAT25C128XA-1. |
128K/256K-Bit SPI Serial CMOS EEPROM 128K/256K-Bit SPI串行EEPROM中的CMOS
|
ON Semiconductor Unisonic Technologies Co., Ltd. TDK, Corp. Atmel, Corp. Advanced Analog Technology, Inc. Silicon Storage Technology, Inc. Air Cost Control
|
GS840FH18AGT-8 GS840FH18AT-8.5 GS840FH18AT-8.5I GS |
4Mb Burst SRAMs 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
IS61VF25618A-6.5TQ IS61VF25618A-6.5B3 IS61VF12836A |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PBGA165 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
GS880F36T-11I GS880F36T-14I GS880F32T-12 GS880F36T |
512K x 18, 256K x 36 8Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc. http://
|
|